Part Number Hot Search : 
12N10 MAX9719 SMCJ190A SUMMA EH71008 SUMMA NE851M03 E2001
Product Description
Full Text Search
 

To Download CX24121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Digital Set-top Box Solutions Satellite
CX24109 Digital Satellite Tuner and CX24121 QPSK/FEC Demodulator
Highly Integrated, Complete Broadband Satellite Front-End Solution
Conexant's broadband communications portfolio includes a comprehensive suite of semiconductor solutions that enable the digital home and information network. Combining extensive experience in broadband systems and mixedsignal integrated circuit design, Conexant introduces the CX24109 Digital Satellite Tuner and CX24121 DBS Demodulator/FEC Decoder creating the ideal satellite front-end solution for the world wide pay TV services. Several million Satellite Set-Top Boxes (STBs) are deployed in many different entertainment networks around the world today. This highly integrated combination of demodulator and satellite tuner reduces the BOM costs and simplifies RF layout.
CX24109
The CX24109 is a highly integrated, direct down-conversion satellite tuner intended for high-volume digital video, audio, and data receivers. When combined with Conexant's existing CX24110 QPSK demodulator/FEC decoder, the chipset provides a complete broadband satellite front-end solution capable of operating from 1 to 45 Msps in the most demanding satellite environments. It is compatible with international standards such as DVB and DSS and supports a BPSK mode as well as DCII. Combined with the CX24121 QPSK demodulator/FEC decoder, the chipset provides a complete broadband satellite front-end solutions capable of operating from 10 to 32 Msps specifically targeting the PayTV segment of the market with a very optimized BOM and cost effective solution.
Distinguishing Features
CX24109 * DVB/DSS - compliant * Single-chip RF-to-baseband satellite receiver * Zero-IF architecture eliminates the need for image-reject filtering * Variable baseband filters for optimal interference rejection * Integrated LNA and LO with onboard VCO and synthesizer * Single +5V supply * 48-pin eTQFP CX24121 * DVB/DSS/DCII - compliant * Symbol rates: 10 to 32 Msps * Automatic acquisition * Internal SNR and BER monitors * DiSEqCTM Level 1.1 LNB control * 80-pin PQFP
Part Number CX24109 and CX24121 Description Digital Satellite Tuner and Demodulator
CX24121
The CX24121 is the ideal solution for a wide variety of applications in DVB/DSS/DCII STB and Personal Computer (PC) receivers and residential gateways. When combined with the CX24109 silicon satellite tuner, the CX24121 provides a complete broadband satellite front-end solution capable of operating from 10 to 32 Msps. The demodulator provides digital derotation, digital filtering, equalization, and Viterbi/Reed-Solomon Forward-Error Correction (FEC). The CX24121 is compliant with the DVB (ETS 300-421) specification for satellite transmission and provides many advanced features that enhance overall system performance. The demodulator automatically corrects for external quadrature gain/phase imbalances and for DC offsets. Input signal level variations (e.g., due to rain fade) are compensated by Automatic Gain Control (AGC). Frequency offsets due to inexpensive consumer Low-Noise Block Converters (LNBs) are corrected by a robust Carrier-Tracking Loop (CTL). A unique feature of the CX24121 is an automatic acquisition algorithm that searches and acquires the carrier during initial acquisition and performs a smart search to reacquire the carrier during fade conditions. The CX24121 has integrated Signal-to-Noise Ratio (SNR) and Bit Error Rate (BER) monitors for channel-performance measurements. The CX24121 also integrate a DiSEqCTM Level 1.2 for controlling the external satellite LNB.
Digital Set-top Box Solutions Satellite
CX24109 Features
* Zero-IF architecture eliminates the need for image reject filtering * Integrated LNA * Integrated LO with onboard VCO and synthesizer * Single +5 V supply * Oscillator output for demodulator
CX24121 Features
* DVB/DSS/DCII-compliant * Symbol rates 10 to 32 Msps * 6-bit Analog-to-Digital Converters (ADCs) * Internal PLL so that only a single low-frequency crystal or clock is required * 4-bit soft decision * Digital matched filtering * Multirate decimation filter * Automatic acquisition * Internal carrier and bit-timing recovery * Internal SNR and BER monitors * DiSEqCTM Level 1.2 LNB control * Power-down mode * Boundary scan test function * Carrier tracking: 5 MHz * Quadrature equalization compensation: - 3.0 dB gain imbalance with 13-degree phase offset * Low-power design * Serial or parallel output data interface
CX24109 Applications
* DBS set-top boxes * Commercial digital video, audio and data receivers * Digital VCRs
CX24121 Applications
* DVB/DSS/DCII set-top and PC receivers * Residential gateways
(c) 2002, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-INFRINGEMENT.
www.conexant.com General Information: U.S. and Canada: (800) 854-8099 International: (949) 483-6996 Headquarters - Newport Beach 4311 Jamboree Rd, P Box C .O. Newport Beach, CA 92660-3095 Order# 102075A
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
02-0540


▲Up To Search▲   

 
Price & Availability of CX24121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X